Part Number Hot Search : 
A1023 SMCJ78 6B20A 2N3904BU LC7986 4LCX16 TW10N G1VA20C
Product Description
Full Text Search
 

To Download 2SD958 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD958
Silicon NPN epitaxial planer type
For high breakdown voltage and low-noise amplification Complementary to 2SB788
6.90.1
0.4
Unit: mm
2.50.1 1.0
1.0 2.40.2 2.00.2 3.50.1
s Features
q q q
1.5
1.5 R0.9 R0.9
0.85
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
Ratings 120 120 7 50 20 400 150 -55 ~ +150
Unit V V V mA mA mW C C
3
2
1
2.5
2.5
1:Base 2:Collector 3:Emitter
EIAJ:SC-71 M Type Mold Package
s Electrical Characteristics
Parameter Collector cutoff current Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Noise voltage
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE fT NV
*
Conditions VCB = 50V, IE = 0 VCE = 50V, IB = 0 IC = 10A, IE = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCE = 5V, IC = 2mA IC = 20mA, IB = 2mA VCB = 5V, IE = -2mA, f = 200MHz VCE = 40V, IC = 2mA, GV = 80dB Rg = 100k, Function = FLAT
min
typ
1.250.05
s Absolute Maximum Ratings
0.550.1
0.450.05
(Ta=25C)
max 100 1
4.10.2
High collector to emitter voltage VCEO. Low noise voltage NV. M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
1.00.1
R
0.
4.50.1
7
Unit nA A V V V
120 120 7 180 700 0.6 200 150
VCE(sat)
V MHz mV
*h
FE
Rank classification
R 180 ~ 360 S 260 ~ 520 T 360 ~ 700 hFE
Rank
1
Transistor
PC -- Ta
500 24 IB=50A Ta=25C
2SD958
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 0.3 25C 0.1 -25C 0.03 0.01 0.1 Ta=75C
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (mW)
Collector current IC (mA)
400
20
45A 40A
16
300
35A 30A
12 25A 8 20A 15A 4 10A 5A
200
100
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0.3
1
3
10
30
100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (mA)
hFE -- IC
600 VCE=5V 800
fT -- I E
8
Cob -- VCB
Collector output capacitance Cob (pF)
VCB=5V Ta=25C IE=0 f=1MHz Ta=25C
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
700 600 500 400 300 200 100
7 6 5 4 3 2 1 0
400 Ta=75C 300 25C -25C 200
100
0 0.1
0.3
1
3
10
30
100
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
1
3
10
30
100
Collector current IC (mA)
Emitter current IE (mA)
Collector to base voltage VCB (V)
NV -- IC
160 140 VCE=10V GV=80dB Function=FLAT Ta=25C
Noise voltage NV (mV)
120 100 80 60 22k 40 4.7k 20 0 0.01 Rg=100k
0.03
0.1
0.3
1
Collector current IC (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SD958

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X